|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BCP51 BCP51 PNP General Purpose Amplifier * This device is designed for general purpose medium power amplifiers and switches requiring collecor currents to 1.0A. * Sourced from process 77. 4 3 2 1 SOT-223 1. Base 2. Collector 3. Emitter Absolute Maximum Ratings* Ta=25C unless otherwise noted Symbol VCEO VCBO VEBO IC TJ, TSTG Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Operating and Storage Junction Temperature Range Value -45 -45 -5.0 -1.5 - 55 ~ 150 Units V V V A C * These ratings are limiting values above whitch the serviceability of any semiconductor device may be impaird. NOTES: 1. These ratings are based on a maximum junction temperature of 150 degrees C. 2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. Electrical Characteristics Ta=25C unless otherwise noted Symbol Off Characteristics V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO hFE Parameter Test Condition IC = -10mA, IB = 0 IC = -100A, IE = 0 IE = -10A, IC = 0 VCB = -30V, IE = 0 VCB = -30V, IE = 0, Ta = 125C VEB = -5.0V, IC = 0 IC = -5.0mA, VCE = -2.0V IC = -150mA, VCE = -2.0 IC = -500mA, VCE = -2.0V IC = -500mA, IB = -50mA IC = -500mA, VCE = -2.0V 25 40 25 Min. -45 -45 -5.0 -100 -10 -10 Max. Units V V V nA A A Collector-Emitter Sustaining Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cut-off Current DC Current Gain On Characteristics 250 -0.5 -1.0 V V VCE(sat) VBE(on) Collector-Emitter Saturation Voltage Base-Emitter On Voltage Thermal Characteristics Ta=25C unless otherwise noted Symbol PD RJA Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Max. 1.0 8.0 125 Units W mW/C C/W * Device mounted on FR-4PCB 36mm x 18mm x 1.5mm; mounting pad for the collector lead min. 6cm2. (c)2004 Fairchild Semiconductor Corporation Rev. A, August 2004 BCP51 Package Dimensions SOT-223 0.08MAX 3.00 0.10 MAX1.80 1.75 0.20 3.50 0.20 (0.60) 0.65 0.20 +0.04 0.06 -0.02 2.30 TYP (0.95) 4.60 0.25 0.70 0.10 (0.95) +0.10 0.25 -0.05 (0.60) 0~ 10 1.60 0.20 (0.46) (0.89) 6.50 0.20 Dimensions in Millimeters (c)2004 Fairchild Semiconductor Corporation Rev. A, August 2004 7.00 0.30 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) VCXTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems 2. A critical component is any component of a life support which, (a) are intended for surgical implant into the body, device or system whose failure to perform can be or (b) support or sustain life, or (c) whose failure to perform reasonably expected to cause the failure of the life support when properly used in accordance with instructions for use device or system, or to affect its safety or effectiveness. provided in the labeling, can be reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2004 Fairchild Semiconductor Corporation Rev. I11 |
Price & Availability of BCP51 |